Part Number Hot Search : 
120M0 1K91FK 2545ET 821KD14 TLP523 PCF85 0504A1 A1305
Product Description
Full Text Search
 

To Download HD74ALVC2G02 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74ALVC2G02 dual 2-input nor gates ade-205-611b (z) rev. 2 august. 2001 description the HD74ALVC2G02 has two-input nor gate in a 8 pin package. low voltage and high speed operation is suitable for the battery powered products (e.g., notebook computers), and the low power consumption extends the battery life. features ? the basic gate function is lined up as hitachi uni logic series. ? supplied on emboss taping for high speed automatic mounting. ? supply voltage range : 1.2 to 3.6 v operating temperature range : ? 40 to +85c ? all inputs v ih (max.) = 3.6 v (@v cc = 0 v to 3.6 v) all outputs v o (max.) = 3.6 v (@v cc = 0 v) ? output current 2 ma (@v cc = 1.2) 4 ma (@v cc = 1.4 v to 1.6 v) 6 ma (@v cc = 1.65 v to 1.95 v) 18 ma (@v cc = 2.3 v to 2.7 v) 24 ma (@v cc = 3.0 v to 3.6 v) ? package type package type package code package suffix taping code ssop-8 pin ttp-8db us e (3,000 pcs / reel)
HD74ALVC2G02 rev.2, aug. 2001, page 2 of 10 outline and article indication ? HD74ALVC2G02 lot no. y : year code (the last digit of year) m : month code w : week code y m w a 0 2 type no. index band ssop-8 function table inputs a b output y llh lhl hl l hhl h: high level l: low level
HD74ALVC2G02 rev.2, aug. 2001, page 3 of 10 pin arrangement (top view) 8v cc 1 7 1y 6 2b 5 2a 1a 2 1b 3 2y 4 gnd absolute maximum ratings item symbol ratings unit conditions supply voltage range v cc ? 0.5 to 4.6 v input voltage range *1 v i ? 0.5 to 4.6 v output voltage range *1, 2 v o ? 0.5 to v cc +0.5 v output : h or l ? 0.5 to 4.6 v cc : off input clamp current i ik ? 50 ma v i < 0 output clamp current i ok 50 ma v o < 0 or v o > v cc continuous output current i o 50 ma v o = 0 to v cc continuous current through v cc or gnd i cc or i gnd 100 ma maximum power dissipation at ta = 25c (in still air) *3 p t 200 mw storage temperature tstg ? 65 to 150 c notes: the absolute maximum ratings are values which must not individually be exceeded, and furthermore, no two of which may be realized at the same time. 1. the input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. 2. this value is limited to 4.6 v maximum. 3. the maximum package power dissipation was calculated using a junction temperature of 150c.
HD74ALVC2G02 rev.2, aug. 2001, page 4 of 10 recommended operating conditions item symbol min max unit conditions supply voltage range v cc 1.2 3.6 v input voltage range v i 03.6v output voltage range v o 0v cc v output current i oh ?? 2mav cc = 1.2 v ?? 4v cc = 1.4 v ?? 6v cc = 1.65 v ?? 18 v cc = 2.3 v ?? 24 v cc = 3.0 v i ol ? 2v cc = 1.2 v ? 4v cc = 1.4 v ? 6v cc = 1.65 v ? 18 v cc = 2.3 v ? 24 v cc = 3.0 v input transition rise or fall rate ? t / ? v 0 20 ns / v v cc = 1.2 to 2.7 v 010 v cc = 3.3 0.3 v operating free-air temperature ta ? 40 85 c note: unused or floating inputs must be held high or low.
HD74ALVC2G02 rev.2, aug. 2001, page 5 of 10 electrical characteristics (ta = ? 40 to 85c) item symbol v cc (v) * min typ max unit test conditions input voltage v ih 1.2 v cc 0.75 ?? v 1.4 to 1.6 v cc 0.7 ?? 1.65 to 1.95 v cc 0.7 ?? 2.3 to 2.7 1.7 ?? 3.0 to 3.6 2.0 ?? v il 1.2 ?? v cc 0.25 1.4 to 1.6 ?? v cc 0.3 1.65 to 1.95 ?? v cc 0.3 2.3 to 2.7 ?? 0.7 3.0 to 3.6 ?? 0.8 output voltage v oh min to max v cc ? 0.2 ?? vi oh = ? 100 a 1.2 0.9 ?? i oh = ? 2 ma 1.4 1.1 ?? i oh = ? 4 ma 1.65 1.2 ?? i oh = ? 6 ma 2.3 1.7 ?? i oh = ? 18 ma 3.0 2.2 ?? i oh = ? 24 ma v ol min to max ?? 0.2 i ol = 100 a 1.2 ?? 0.3 i ol = 2 ma 1.4 ?? 0.3 i ol = 4 ma 1.65 ?? 0.3 i ol = 6 ma 2.3 ?? 0.55 i ol = 18 ma 3.0 ?? 0.55 i ol = 24 ma input current i in 3.6 ?? 5 av in = 3.6 v or gnd quiescent supply current i cc 3.6 ?? 10 av in = v cc or gnd, i o = 0 output leakage current i off 0 ?? 5 av in or v o = 0 to 3.6 v input capacitance c in 3.3 ? 4.5 ? pf v in = v cc or gnd note: for conditions shown as min or max, use the appropriate values under recommended operating conditions.
HD74ALVC2G02 rev.2, aug. 2001, page 6 of 10 switching characteristics (ta = ? 40 to 85c) ? v cc = 1.2 v item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl ? 7.5 ? ns c l = 15 pf a or b y ? v cc = 1.5 0.1 v item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 2.0 ? 7.0 ns c l = 15 pf a or b y ? v cc = 1.8 0.15 v item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.5 ? 5.0 ns c l = 30 pf a or b y ? v cc = 2.5 0.2 v item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.0 ? 3.7 ns c l = 30 pf a or b y ? v cc = 3.3 0.3 v item symbol min typ max unit test conditions from (input) to (output) propagation delay time t plh t phl 1.0 ? 2.8 ns c l = 30 pf a or b y
HD74ALVC2G02 rev.2, aug. 2001, page 7 of 10 operating characteristics (ta = 25c) item symbol v cc (v) min typ max unit test conditions power dissipation c pd 1.5 ? 10.5 ? pf f = 10 mhz capacitance 1.8 ? 10.5 ? 2.5 ? 10.5 ? 3.3 ? 11.5 ? test circuit c l r l output v cc l note: c includes probe and jig capacitance. v = 1.8 0.15 v cc r 1.0 k ? 2.0 k ? 500 ? l c 30 pf 15 pf 30 pf l v = 2.5 0.2 v, 3.3 0.3 v cc v = 1.2 v, 1.5 0.1 v cc symbol pulse generator out z = 50 ? input
HD74ALVC2G02 rev.2, aug. 2001, page 8 of 10 waveforms input 90% 10% 10% v ih gnd v oh v ol t r v ref v ref t f 90% t phl t plh output v ref v ref v ref v ih v cc v cc t / t 2.0 ns 2.5 ns 2.5 ns rf 2.7 v 50% 50% 1.5 v v = 2.5 0.2 v cc v = 1.2 v, 1.5 0.1 v, 1.8 0.15 v cc v = 3.3 0.3 v cc symbol note: input waveform : prr = 10 mhz, duty cycle 50%
HD74ALVC2G02 rev.2, aug. 2001, page 9 of 10 package dimensions 0.5 1.50 hitachi code jedec eiaj mass (reference value) ttp-8db ? ? 0.25 g 8 ? 0.2 + 0.05 ? 0.04 0.13 + 0.05 ? 0.03 0.5 0.5 0.7 0.1 2.0 0.1 2.3 0.1 3.1 0.1 (0.4) (0.4) (0.17) 0 ? 0.1 as of january, 2001 unit: mm
HD74ALVC2G02 rev.2, aug. 2001, page 10 of 10 disclaimer 1. hitachi neither warrants nor grants licenses of any rights of hitachi?s or any third party?s patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party?s rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi?s sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi?s sales office for any questions regarding this document or hitachi semiconductor products. sales offices hitachi, ltd. semiconductor & integrated circuits nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2001. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00 singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road hung-kuo building taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower world finance centre, harbour city, canton road tsim sha tsui, kowloon hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://semiconductor.hitachi.com.hk hitachi europe gmbh electronic components group dornacher stra?e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi europe ltd. electronic components group whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585200 hitachi semiconductor (america) inc. 179 east tasman drive san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 4.0


▲Up To Search▲   

 
Price & Availability of HD74ALVC2G02

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X